Part Number Hot Search : 
BFS466L6 75R12K 2SC1413A HT7L4813 BH6513 X80204 MIC4128 APTD3216
Product Description
Full Text Search
 

To Download 494-10SURTS530-A3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Technical Data Sheet 3.0mm Very Wide Angle Type LED Lamps
494-10SURT/S530-A3
Features :

Choice of various viewing angles Available on tape and reel. Reliable and robust
Pb free The product itself will remain within RoHS compliant version.
Descriptions :
The series is specially designed for applications requiring higher brightness
The led lamps are available with different colors, intensities.
Applications :

TV set Monitor Telephone Computer
PART NO.
494-10SURT/S530-A3
Material
AlGaInP
Emitted Color
Hyper Red
Lens Color
Red Trans
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDLE-049-032
http : //www.everlight.com Prepared date: 2006/6/21
Rev.:
2
Page: 1 of 6 zhenxia Qu
Prepared by:
Technical Data Sheet 3.0mm Very Wide Angle Type LED Lamps
494-10SURT/S530-A3
Package Dimensions
Notes: 1. All dimensions are in millimetres
2. The height of flange must be less than 1.5mm(0.059"). 3. Without special declared,the tolerance is 0.25mm.
Absolute Maximum Ratings at Ta = 25
Parameter Forward Current Operating Temperature Storage Temperature Electrostatic Discharge Soldering Temperature Power Dissipation Reverse Voltage Symbol IF Topr Tstg ESD Tsol Pd VR Rating 25 -40 to +85 -40 to +100 2000 260 5 60 5 Unit mA V mW V
Note: *1:Soldering time 5 seconds.
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDLE-049-032
http : //www.everlight.com Prepared date: 2006/6/21
Rev.:
2 Prepared by:
Page: 2 of 6 zhenxia Qu
Technical Data Sheet 3.0mm Very Wide Angle Type LED Lamps
494-10SURT/S530-A3
Electro-Optical Characteristics (Ta=25)
Parameter Symbol Condition Min. Typ. Max. Unit
Forward Voltage
VF
IF=
20
mA
2.0
2.4
V
Reverse Current
IR
VR=
5
V
10
A
Luminous Intensity
Iv
IF=
20
mA
16
32
mcd
Viewing Angle
21/2
IF=
20
mA
100
deg
Peak Wavelength
p
IF=
20
mA
632
nm
Dominant Wavelength Spectrum Radiation Bandwidth
d
IF=
20
mA
624
nm
IF=
20
mA
20
nm
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDLE-049-032
http : //www.everlight.com Prepared date: 2006/6/21
Rev.:
2
Page: 3 of 6
Prepared by: zhenxia Qu
Technical Data Sheet 3.0mm Very Wide Angle Type LED Lamps
494-10SURT/S530-A3
Typical Electro-Optical Characteristic Curves:
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDLE-049-032
http : //www.everlight.com Prepared date: 2006/6/21
Rev.: Prepared by:
2
Page: 4 of 6 zhenxia Qu
Technical Data Sheet 3.0mm Very Wide Angle Type LED Lamps
494-10SURT/S530-A3
Reliability test items and conditions:
The reliability of products shall be satisfied with items listed below. Confidence level97% LTPD3%
NO
Item
Test Conditions
Test Hours/Cycle 10 SEC
Sample Size
Failure Judgment Criteria
Ac/Re
1
Solder Heat
TEMP : 260 5 H : +100 15min 5 min L : -40 15min H : +100 5min 10 sec L : -10 5min TEMP : 100
76 PCS
0/1
2
Temperature Cycle
300 CYCLES
76 PCS
0/1
3
Thermal Shock High Temperature Storage Low Temperature Storage DC Operating Life High Temperature / High Humidity
300 CYCLES
76 PCS IvIvt*0.5 or VfU or VfL
0/1
4
1000 HRS
76 PCS
0/1
5
TEMP : -40 TEMP : 25 IF = 20mA 85 / 85% RH
1000 HRS
76 PCS
0/1
6 7
1000 HRS 1000 HRS
76 PCS 76 PCS
0/1 0/1
NoteIvtTo test Iv value of the chip before the reliablility test IvThe test value of the chip that has completed the reliablility test UUpper Specification Limit L Lower Specification Limit
EVERLIGHT ELECTRONICS CO., Device Number : CDLE-049-032
http : //www.everlight.com Prepared date: 2006/6/21
Rev.:
2
Page: 5 of 6 zhenxia Qu
Prepared by:
Technical Data Sheet 3.0mm Very Wide Angle Type LED Lamps 494-10SURT/S530-A3
Packing Quantity Specification
1.1000PCS/1Bag4Bags/1Box 2.10Boxes/1Carton
Label Form Specification
CPN: Customer's Production Number P/N : Production Number QTY: Packing Quantity CAT: Ranks 494-10SURT/S530-A3 HUE: Dominant Wavelength REF: Reference LOT No: Lot Number MADE IN TAIWAN: Production Place
Notes 1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation Please don't reproduce or cause anyone to reproduce them without EVERLIGHT'sconsent.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDLE-049-032
http : //www.everlight.com Prepared date: 2006/6/21
Rev.: 2 Prepared by:
Page: 6 of 6 zhenxia Qu


▲Up To Search▲   

 
Price & Availability of 494-10SURTS530-A3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X